Part Number Hot Search : 
P03N120 M30201M2 TR750 2SA1461 263377 FSP3124 74VHC02N UPC817
Product Description
Full Text Search
 

To Download M21X41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M21x Series Multiple Frequency Clock Oscillator
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
QiK ChipTM
Features: * Multiple Output Frequencies (2, 3, or 4) - Selectable * QiK ChipTM Technology * Superior Jitter Performance (comparable to SAW based) * Frequencies from 50 MHz - 1.4 GHz (LVDS/LVPECL/CML) and 10 - 150 MHz (CMOS) Phase Lock Loop Applications: * Where more than one selectable frequency is required for different global regions, FEC (Forward Error Correction) or selectable funcionality are required. * Telecommunications such as SONET / SDH / DWDM / FEC / SERDES / OC-3 thru OC-192 * Wireless base stations / WLAN / Gigabit Ethernet * Avionic flight controls and military communications
DENOTES PIN 1
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 03-14-07
M21x Series Multiple Frequency Clock Oscillator
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
HCMOS Load Circuit
LVDS Load Circuit
3.3V LVPECL Load Circuit Output Waveform: LVDS/CML/LVPECL
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 03-14-07
MtronPTI Lead Free Solder Profile
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.


▲Up To Search▲   

 
Price & Availability of M21X41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X